전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEU3P 데이터시트(PDF) 95 Page - STMicroelectronics

부품명 STM32L4P5CEU3P
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU3P 데이터시트(HTML) 95 Page - STMicroelectronics

Back Button STM32L4P5CEU3P Datasheet HTML 91Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 92Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 93Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 94Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 95Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 96Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 97Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 98Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 311 page
background image
-
-
-
-
-
-
-
-
59
59
J10 J10
81
81
K11 K11
PD12
I/O
FT
_fl
-
TIM4_CH1,
I2C4_SCL,
USART3_RTS_DE,
TSC_G6_IO3,
LCD_R7, FMC_A17,
SAI2_FS_A,
LPTIM2_IN1,
EVENTOUT
-
-
-
-
-
-
-
-
-
60
60
H12 H12
82
82
K13 K13
PD13
I/O
FT
_fl
-
TIM4_CH2,
I2C4_SDA,
TSC_G6_IO4,
FMC_A18,
LPTIM2_OUT,
EVENTOUT
-
-
---
--
---
-
F11 F11
83
83
H12 H12
VSS
S
-
-
-
-
-
-
-
-
-
-
F1
F1
-
-
H3
H3
84
84
G13 G13
VDD
S
-
-
-
-
-
-
-
-
-
-
F3
G3
61
61
H11 H11
85
85
K10 K10
PD14
I/O FT
-
TIM4_CH3, LCD_B2,
FMC_D0,
EVENTOUT
-
-
-
-
-
-
-
F2
F4
62
62
H10 H10
86
86
H11 H11
PD15
I/O FT
-
TIM4_CH4, LCD_B3,
FMC_D1,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More