전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEU3P 데이터시트(PDF) 98 Page - STMicroelectronics

부품명 STM32L4P5CEU3P
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU3P 데이터시트(HTML) 98 Page - STMicroelectronics

Back Button STM32L4P5CEU3P Datasheet HTML 94Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 95Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 96Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 97Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 98Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 99Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 100Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 101Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 311 page
background image
-
-
-
-
38
38
E4
F3
64
64
E11 E11
97
97
G12 G12
PC7
I/O FT
-
TIM3_CH2,
TIM8_CH2,
DFSDM1_DATIN3,
SDMMC2_D7,
SDMMC1_D123DIR,
TSC_G4_IO2,
DCMI_D1/PSSI_D1,
LCD_B6,
SDMMC1_D7,
SAI2_MCLK_B,
EVENTOUT
-
-
-
-
-
39
39
E1
E1
65
65
E10 E10
98
98
G10 G10
PC8
I/O FT
-
TIM3_CH3,
TIM8_CH3,
TSC_G4_IO3,
DCMI_D2/PSSI_D2,
SDMMC1_D0,
EVENTOUT
-
-
-
-
-
40
40
E2
E2
66
66
D12 D12
99
99
G9
G9
PC9
I/O
FT
_fl
-
TRACED0,
TIM8_BKIN2,
TIM3_CH4,
TIM8_CH4,
DCMI_D3/PSSI_D3,
I2C3_SDA,
TSC_G4_IO4,
OTG_FS_NOE,
SDMMC1_D1,
SAI2_EXTCLK,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More