전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEU3P 데이터시트(PDF) 163 Page - STMicroelectronics

부품명 STM32L4P5CEU3P
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU3P 데이터시트(HTML) 163 Page - STMicroelectronics

Back Button STM32L4P5CEU3P Datasheet HTML 159Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 160Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 161Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 162Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 163Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 164Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 165Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 166Page - STMicroelectronics STM32L4P5CEU3P Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 311 page
background image
Table 42. Current consumption in Sleep mode,
Flash ON and power supplied by external SMPS
Symbol
Parameter
Conditions(1)
TYP
Unit
-
VDD12
fHCLK
25°C
55°C
85°C
105°C
125°C
IDD(Sleep)
Supply current in
Sleep mode
fHCLK = fHSE up to
48 MHz included,
bypass mode PLL
ON above 48
MHz all
peripherals
disable
VDD12=1.20V
120 MHz
1.89
2.09
2.63
3.41
4.81
mA
VDD12=1.10V
80 MHz
1.10
1.26
1.71
2.34
3.45
72 MHz
1.01
1.17
1.60
2.23
3.36
64 MHz
0.90
1.06
1.51
2.14
3.25
48 MHz
0.68
0.84
1.29
1.92
3.04
32 MHz
0.50
0.65
1.10
1.73
2.84
26 MHz
0.42
0.56
0.99
1.62
2.74
16 MHz
0.30
0.45
0.86
1.49
2.61
8 MHz
0.20
0.34
0.75
1.38
2.50
4 MHz
0.15
0.30
0.71
1.34
2.44
2 MHz
0.13
0.27
0.69
1.29
2.42
1 MHz
0.11
0.26
0.67
1.29
2.39
100 KHz
0.10
0.24
0.67
1.27
2.39
1. All values are obtained by calculation based on measurements done without SMPS and using following parameters: SMPS input = 3.3 V, SMPS efficiency = 85%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com