| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEI6 데이터시트(PDF) 89 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEI6 데이터시트(HTML) 89 Page - STMicroelectronics |
|
89 / 311 page ![]() - - - - - - J4 G5 43 43 L9 L9 65 65 M8 M8 PE12 I/O FT - TIM1_CH3N, SPI1_NSS, TSC_G5_IO3, OCTOSPIM_P1_IO0, LCD_G5, FMC_D9, EVENTOUT - - --- -- G5 G4 44 44 M1 0 M1 0 66 66 L8 L8 PE13 I/O FT - TIM1_CH3, SPI1_SCK, TSC_G5_IO4, OCTOSPIM_P1_IO1, LCD_G6, FMC_D10, EVENTOUT - - - - - - - G4 J4 45 45 M11 M11 67 67 K8 K8 PE14 I/O FT - TIM1_CH4, TIM1_BKIN2, SPI1_MISO, OCTOSPIM_P1_IO2, LCD_G7, FMC_D11, EVENTOUT - - --- -- H4 H4 46 46 M1 2 M1 2 68 68 J8 J8 PE15 I/O FT - TIM1_BKIN, SPI1_MOSI, OCTOSPIM_P1_IO3, LCD_R2, FMC_D12, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |