| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEI6 데이터시트(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEI6 데이터시트(HTML) 95 Page - STMicroelectronics |
|
95 / 311 page ![]() - - - - - - - - 59 59 J10 J10 81 81 K11 K11 PD12 I/O FT _fl - TIM4_CH1, I2C4_SCL, USART3_RTS_DE, TSC_G6_IO3, LCD_R7, FMC_A17, SAI2_FS_A, LPTIM2_IN1, EVENTOUT - - - - - - - - - 60 60 H12 H12 82 82 K13 K13 PD13 I/O FT _fl - TIM4_CH2, I2C4_SDA, TSC_G6_IO4, FMC_A18, LPTIM2_OUT, EVENTOUT - - --- -- --- - F11 F11 83 83 H12 H12 VSS S - - - - - - - - - - F1 F1 - - H3 H3 84 84 G13 G13 VDD S - - - - - - - - - - F3 G3 61 61 H11 H11 85 85 K10 K10 PD14 I/O FT - TIM4_CH3, LCD_B2, FMC_D0, EVENTOUT - - - - - - - F2 F4 62 62 H10 H10 86 86 H11 H11 PD15 I/O FT - TIM4_CH4, LCD_B3, FMC_D1, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |