전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEI6 데이터시트(PDF) 94 Page - STMicroelectronics

부품명 STM32L4P5CEI6
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEI6 데이터시트(HTML) 94 Page - STMicroelectronics

Back Button STM32L4P5CEI6 Datasheet HTML 90Page - STMicroelectronics STM32L4P5CEI6 Datasheet HTML 91Page - STMicroelectronics STM32L4P5CEI6 Datasheet HTML 92Page - STMicroelectronics STM32L4P5CEI6 Datasheet HTML 93Page - STMicroelectronics STM32L4P5CEI6 Datasheet HTML 94Page - STMicroelectronics STM32L4P5CEI6 Datasheet HTML 95Page - STMicroelectronics STM32L4P5CEI6 Datasheet HTML 96Page - STMicroelectronics STM32L4P5CEI6 Datasheet HTML 97Page - STMicroelectronics STM32L4P5CEI6 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 311 page
background image
-
-
-
-
-
-
G2
G2
56
56
K8
K8
78
78
L10 L10
PD9
I/O FT
-
USART3_RX,
DCMI_PIXCLK/PSSI_
PDCK, LCD_R4,
FMC_D14,
SAI2_MCLK_A,
EVENTOUT
-
-
-
-
-
-
-
G1
G1
57
57
J12 J12
79
79
J13 J13
PD10
I/O FT
-
USART3_CK,
TSC_G6_IO1,
LCD_R5, FMC_D15,
SAI2_SCK_A,
EVENTOUT
-
-
---
--
---
-
F11 F11
-
-
L13 L13
VSS
S
-
-
-
-
-
---
--
---
-
H3
H3
-
-
H13 H13
VDD
S
-
-
-
-
-
-
-
-
-
-
-
-
58
58
J11
J11
80
80
K12 K12
PD11
I/O FT
-
I2C4_SMBA,
USART3_CTS_NSS,
TSC_G6_IO2,
LCD_R6, FMC_A16,
SAI2_SD_A,
LPTIM2_ETR,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More