| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEI6 데이터시트(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEI6 데이터시트(HTML) 36 Page - STMicroelectronics |
|
36 / 311 page ![]() Functional overview STM32L4P5xx 36/311 DS12903 Rev 2 RTC TIM16 Timer input channel from RTC events Y Y Y Y - - LPTIMERx Low-power timer triggered by RTC alarms or tampers YY YY Y Y All clocks sources (internal and external) TIM2 TIM15, 16, 17 Clock source used as input channel for RC measurement and trimming YY YY - - USB TIM2 Timer triggered by USB SOF Y Y - - - - CSS CPU (hard fault) RAM (parity error) Flash memory (ECC error) COMPx PVD DFSDM1 (analog watchdog, short circuit detection) TIM1,8 TIM15,16,17 Timer break Y Y Y Y - - GPIO TIMx External trigger Y Y Y Y - - LPTIMERx External trigger Y Y Y Y Y Y ADC DAC1 DFSDM1 Conversion external trigger Y Y Y Y - - Table 6. STM32L4P5xx peripherals interconnect matrix (continued) Interconnect source Interconnect destination Interconnect action |