전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEU6 데이터시트(PDF) 85 Page - STMicroelectronics

부품명 STM32L4P5CEU6
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6 데이터시트(HTML) 85 Page - STMicroelectronics

Back Button STM32L4P5CEU6 Datasheet HTML 81Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 82Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 83Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 84Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 85Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 86Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 87Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 88Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 311 page
background image
17
17
17
17
23
23
G6
J7
32
32
J5
J5
43
43
L4
L4
PA7
I/O
FT
_fl
a
-
TIM1_CH1N,
TIM3_CH2,
TIM8_CH1N,
I2C3_SCL,
SPI1_MOSI,
OCTOSPIM_P1_IO2,
TIM17_CH1,
EVENTOUT
OPAMP2_VINM,
ADC12_IN12
-
-
-
-
24
24
K8
H6
33
33
K5
K5
44
44
H5
H5
PC4
I/O
FT
_a
-
OCTOSPIM_P2_NCS
, USART3_TX,
OCTOSPIM_P1_IO7,
EVENTOUT
COMP1_INM,
ADC12_IN13
-
-
-
-
NC
25
-
K8
34
34L5
L54545
J5
J5
PC5
I/O
FT
_a
(3)
SAI1_D3, PSSI_D15,
USART3_RX,
LCD_CLK,
EVENTOUT
COMP1_INP,
ADC12_IN14,
WKUP5
18
18
18
18
25
26
H6
J6
35
35
M5
M5
46
46
K5
K5
PB0
I/O
TT
_la
-
TIM1_CH2N,
TIM3_CH3,
TIM8_CH2N,
SPI1_NSS,
USART3_CK,
OCTOSPIM_P1_IO1,
LCD_B6,
COMP1_OUT,
SAI1_EXTCLK,
EVENTOUT
OPAMP2_VOUT,
ADC12_IN15
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More