| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU6 데이터시트(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU6 데이터시트(HTML) 100 Page - STMicroelectronics |
|
100 / 311 page ![]() 32 32 32 32 44 44 D1 D1 70 70 B12 B12 103 103 E13 E13 PA11 I/O FT _u - TIM1_CH4, TIM1_BKIN2, SPI1_MISO, USART1_CTS_NSS, CAN1_RX, OTG_FS_DM, LCD_DE, EVENTOUT - 33 33 33 33 45 45 C1 C1 71 71 A12 A12 104 104 D13 D13 PA12 I/O FT _u - TIM1_ETR, SPI1_MOSI, OCTOSPIM_P2_NCS , USART1_RTS_DE, CAN1_TX, OTG_FS_DP, LCD_VSYNC, EVENTOUT - 34 34 34 34 46 46 C2 C2 72 72 A11 A11 105 105 A11 A11 PA13 (JTMS/S WDIO) I/O FT (4) JTMS/SWDIO, IR_OUT, OTG_FS_NOE, SAI1_SD_B, EVENTOUT - 35 35 35 35 47 47 B1 B1 - - F11 F11 - - C12 C12 VSS S - - - - 36 36 36 36 48 48 A1 A1 73 73 C11 C11 106 106 E12 E12 VDDUSB S - - - - - - - - - - B1 B1 74 74 F11 F11 107 107 C12 C12 VSS S - - - - - - - - - - F1 F1 75 75 G11 G11 108 108 C13 C13 VDD S - - - - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |