| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU6 데이터시트(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU6 데이터시트(HTML) 97 Page - STMicroelectronics |
|
97 / 311 page ![]() - --- -- --- - H4 H4 92 92 H10 H10 PG7 I/O FT _fs - SAI1_CK1, I2C3_SCL, OCTOSPIM_P2_DQS , DFSDM1_CKOUT, LPUART1_TX, FMC_INT, SAI1_MCLK_A, EVENTOUT - - --- -- --- - J6 J6 93 93 H9 H9 PG8 I/O FT _fs - I2C3_SDA, LPUART1_RX, EVENTOUT - - --- -- --- - F7 F7 94 94 F13 F13 VSS S - - - - - --- -- --- - G7 G7 95 95 F12 F12 VDDIO2 S - - - - - - - - 37 37 F4 F2 63 63 E12 E12 96 96 F11 F11 PC6 I/O FT - TIM3_CH1, TIM8_CH1, DFSDM1_CKIN3, SDMMC2_D6, SDMMC1_D0DIR, TSC_G4_IO1, DCMI_D0/PSSI_D0, LCD_G7, SDMMC1_D6, SAI2_MCLK_A, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |