| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU6 데이터시트(PDF) 106 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU6 데이터시트(HTML) 106 Page - STMicroelectronics |
|
106 / 311 page ![]() - - - - NC 54 D5 E4 83 83 C8 C8 116 116 D8 D8 PD2 I/O FT (3) TRACED2, TIM3_ETR, USART3_RTS_DE, UART5_RX, TSC_SYNC, DCMI_D11/PSSI_D11 , SDMMC1_CMD, EVENTOUT - - --- -- -- 84 84 B8 B8 117 117 E8 E8 PD3 I/O FT - SPI2_SCK, DCMI_D5/PSSI_D5, SPI2_MISO, DFSDM1_DATIN0, USART2_CTS_NSS, OCTOSPIM_P2_NCS , LCD_CLK, FMC_CLK, EVENTOUT - - - - - - - C5 B4 85 85 B7 B7 118 118 C7 C7 PD4 I/O FT - SPI2_MOSI, DFSDM1_CKIN0, USART2_RTS_DE, SDMMC2_CKIN, OCTOSPIM_P1_IO4, FMC_NOE, EVENTOUT - - - - - - - B4 E5 86 86 A6 A6 119 119 D7 D7 PD5 I/O FT - USART2_TX, OCTOSPIM_P1_IO5, FMC_NWE, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |