전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEU6 데이터시트(PDF) 178 Page - STMicroelectronics

부품명 STM32L4P5CEU6
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6 데이터시트(HTML) 178 Page - STMicroelectronics

Back Button STM32L4P5CEU6 Datasheet HTML 174Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 175Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 176Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 177Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 178Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 179Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 180Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 181Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 311 page
background image
Electrical characteristics
STM32L4P5xx
178/311
DS12903 Rev 2
APB1
AHB to APB1 bridge
0.217
0.242
0.214
0.460
µA/MHz
CAN1
5.457
5.076
4.164
4.852
CRS
0.342
0.329
0.272
0.332
DAC1
3.125
2.925
2.415
2.801
I2C1 independent clock domain
3.750
3.400
2.900
2.500
I2C1 APB clock domain
1.400
1.400
1.250
2.000
I2C2 independent clock domain
3.500
3.400
2.500
3.500
I2C2 APB clock domain
1.400
1.250
1.250
1.000
I2C3 independent clock domain
3.250
3.150
2.900
3.000
I2C3 APB clock domain
1.150
1.000
0.835
1.000
I2C4 independent clock domain
3.500
3.250
2.750
3.000
I2C4 APB clock domain
1.350
1.250
1.000
1.500
LPUART1 independent clock
domain
3.150
3.000
2.450
3.000
LPUART1 APB clock domain
1.650
1.500
1.300
1.500
LPTIM1 independent clock domain
3.368
3.165
2.645
3.101
LPTIM1 APB clock domain
1.041
0.957
0.811
0.900
LPTIM2 independent clock domain
3.144
2.951
2.424
2.778
LPTIM2 APB clock domain
0.883
0.852
0.702
0.824
OPAMP
0.326
0.299
0.274
0.950
PWR
0.675
0.620
0.524
0.629
RTCAPB
2.126
1.968
1.629
1.953
SPI2
2.062
1.934
1.602
1.936
Table 51. STM32L4P5xx peripheral current consumption (continued)
Peripheral
Range 1
Boost
Mode
Range 1
Normal
Mode
Range 2
Low-
power run
and sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More