전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL6624 데이터시트(PDF) 75 Page - STMicroelectronics

부품명 VL6624
상세설명  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 데이터시트(HTML) 75 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 71Page - STMicroelectronics VL6624 Datasheet HTML 72Page - STMicroelectronics VL6624 Datasheet HTML 73Page - STMicroelectronics VL6624 Datasheet HTML 74Page - STMicroelectronics VL6624 Datasheet HTML 75Page - STMicroelectronics VL6624 Datasheet HTML 76Page - STMicroelectronics VL6624 Datasheet HTML 77Page - STMicroelectronics VL6624 Datasheet HTML 78Page - STMicroelectronics VL6624 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 106 page
background image
VL6624/VS6624
Register map
75/106
Pipe 1 RGB to YUV matrix manual control
Table 35.
Pipe1 RGB To YUV matrix manual control
Index
Pipe1RgbToYuv(1)
0x2200
fRgbToYuvManuCtrl
Default value
<0> FALSE
Purpose
Enables manual RGB to YUV matrix for PipeSetupBank1
Type
Flag_e
Possible values
<0> FALSE
<1> TRUE
0x2203 (MSByte)
0x2204(LSByte)
w0_0
Default value
0x00
Purpose
Row 0 Column 0 of YUV matrix
Type
UINT_16
0x2207 (MSByte)
0x2208 (LSByte)
w0_1
Default value
0x00
Purpose
Row 0 Column 1 of YUV matrix
Type
UINT_16
0x220c (MSByte)
0x220d (LSByte)
w0_2
Default value
0x00
Purpose
Row 0 Column 2 of YUV matrix
Type
UINT_16
0x2210 (MSByte)
0x220f (LSByte)
w1_0
Default value
0x00
Purpose
Row 1 Column 0 of YUV matrix
Type
UINT_16
0x2213 (MSByte)
0x2214 (LSByte)
w1_1
Default value
0x00
Purpose
Row 1 Column 1 of YUV matrix
Type
UINT_16
0x2217 (MSByte)
0x2218 (LSByte)
w1_2
Default value
0x00
Purpose
Row 1 Column 2 of YUV matrix
Type
UINT_16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More