전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VL6624 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 VL6624
상세설명  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6624 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button VL6624 Datasheet HTML 12Page - STMicroelectronics VL6624 Datasheet HTML 13Page - STMicroelectronics VL6624 Datasheet HTML 14Page - STMicroelectronics VL6624 Datasheet HTML 15Page - STMicroelectronics VL6624 Datasheet HTML 16Page - STMicroelectronics VL6624 Datasheet HTML 17Page - STMicroelectronics VL6624 Datasheet HTML 18Page - STMicroelectronics VL6624 Datasheet HTML 19Page - STMicroelectronics VL6624 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 106 page
background image
Operational modes
VL6624/VS6624
16/106
4.2
Mode transitions
Transitions between operating modes are normally controlled by the host by writing to the
Host interface manager control register. Some transitions can occur automatically after a
time out. If there is no activity in the Pause state then an automatic transition to the Stop
state occurs. This functionality is controlled by the Power management register, writing 0xFF
disables the automatic transition to Stop.
The users control allows a transition between Stop and Run, at the state level the system
will transition through a Pause state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More