전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE4964-2M 데이터시트(PDF) 35 Page - Infineon Technologies AG

부품명 TLE4964-2M
상세설명  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M 데이터시트(HTML) 35 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 31Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 32Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 33Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 34Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 35Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 36Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 37Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 38Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 91 page
background image
35
The TLV493D-A1B6 sensor realizes accurate three-dimensional sensing with extremely low power consumption in a small 6-pin
package. Capable of detecting the magnetic field in the x, y, and z-direction, the sensor is ideally suited for the measurement
of linear, rotation, or 3-dimensional movements. Thanks to its small package and low power consumption, the TLx493D-AxB6
can be used in new applications, replacing potentiometer and optical solutions. Featuring contactless position sensing and
high-temperature stability of the magnetic threshold, the sensor allows systems to get smaller, more accurate, and more robust.
www.infineon.com/3d-magnetics
Rotation movement
3D movement
Linear movement
3D magnetics
3D magnetic sensors
for consumer and industrial markets
Features
› 3D magnetic sensing
› Integrated temperature sensing
› Low current consumption
– 7 nA in power-down mode
– 10 µA in ultralow power mode
› 2.8 to 3.5 V operating supply voltage
› Digital output via a 2-wire standard I2C interface
› Bx, By and Bz linear field measurement up to ±160 mT
› JESD47 qualified
› 12-bit data resolution for each measurement direction
› Various resolution options from 65 µT/LSB to 130 µT
› Operating temperature range from -40 to +125°C
Product
Temperature
range
Qualification Linear magnetic
range
Resolution
IDD
Update rate
Package
Ordering
code
TLI493D-A2B6
-40 … 105°C
JESD47
±160 mT (min)
±100 mT (min)
7.7 or 15.4 LSB12/mT
7 nA – 3.3 mA
10 Hz – 8.4 kHz
TSOP6
SP001689844
TLI493D-W2BW A0
TLI493D-W2BW A1
TLI493D-W2BW A2
TLI493D-W2BW A3
-40 … 125°C
JESD47
±50, ±100 or
±160 mT
7.7, 15.4 or
30.8 LSB12/mT
7 nA – 3.4 mA
0.05 Hz – 8.4 kHz
WLB
SP005409964
SP005409966
SP005409968
SP005409970
TLV493D-A1B6
-40 … 125°C
JESD47
±130 mT (typ)
10.2 LSB12/mT
7 nA – 3.7 mA
10 Hz – 3.3 kHz
TLV493D-A2BW
-20 … 85°C
JESD47
±50, ±100 or
±160 mT
7.7, 15.4 or
30.8 LSB12/mT
7 nA – 3.4 mA
6 Hz – 11.6 kHz
WLB
SP005542151
1) Half range mode
While the TLV493D-A1B6 just supports a typical value for the linear magnetic range of ±130 mT, the TLI493D-A2B6
specification includes also a minimum value of ±160 mT.
With the TLI493D-A2B6, broader microcontroller compatibility, as well as an enhanced feature set, is included.
New features
› Sensor address read back
› Short mode range setting, focusing on the half of the
magnetic range, ensuring higher accuracy
› Higher update frequency allows for an application field
that requires faster update speed
› Angular mode (for x and y read-out only)
Applications
› Anti tempering protection in smart meters
› Joysticks e.g. for medical equipment, cranes,
› CCTV-control, game consoles
› Control elements e.g. white goods multifunction knobs
› Industrial joysticks
› Ergonomic push- and control buttons on domestic appli-
ances and power tools
› Position control in robotics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com