전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE4964-2M 데이터시트(PDF) 40 Page - Infineon Technologies AG

부품명 TLE4964-2M
상세설명  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M 데이터시트(HTML) 40 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 36Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 37Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 38Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 39Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 40Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 41Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 42Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 43Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
40
www.infineon.com/linear-halls
The SMD package (TDSO) includes two independent sensors with separate power supplies and separate signal outputs.
Due to special mounting technology, Infineon can keep dual-sensor package sizes very small to enable compact PCB
layouts and small magnet sizes.
Infineon offers a wide range of Hall sensors in the TDSO package. The combination of two sensors in one package offers
sensors redundancy, a feature that is especially interesting for new generation EPS steering systems with increased
ISO 26262 requirements and other safety-critical applications. All sensors are automotive qualified.
Most products are also available as a single-sensor solution with only one sensor. The newest member of the TLE499x
family, the TLE4999I3, is a fully ISO 26262-compliant linear Hall sensor that includes 2 sensor channels on one chip.
The SSO-3 package allows PCB-less application flexibility and the PSI5 interface enables low EMI at high-speed communi-
cation with minimum wiring.
Features
› Two sensors in one package
› Separate power supply and signal output
› AEC-Q100 qualified
› Temperature range from -40 to +125°C
› Outstanding quality
› Single-sensor versions available
› 16-pin and 8-pin versions available
› ISO 26262-ready
› TLE4999I3 ISO 26262-compliant
Product
Interface
Dual-/
single-sensor
available
ISO 26262
Package
TLE4997A8D
Analog
yes/yes
Ready
TDSO-8
TLE4998P8D
PWM
yes/yes
Ready
TDSO-8
TLE4998S8D
SENT
yes/yes
Ready
TDSO-8
TLE4998C8D
SPC
yes/yes
Ready
TDSO-8
TLE4999I3
PSI5
monolithic1)
Compliant SSO-3
TLE4999C8/42)
SPC
monolithic1)
Compliant TDSO-8
1) 2 sensor channels on one chip
2) TLE4999C4 planned for 2022
Linear sensors
Dual linear sensors
Two sensors in one SMD package
Automotive applications
› Steering torque systems
› Pedal position
› Any other safety-critical application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com