전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE4964-2M 데이터시트(PDF) 75 Page - Infineon Technologies AG

부품명 TLE4964-2M
상세설명  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M 데이터시트(HTML) 75 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 71Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 72Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 73Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 74Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 75Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 76Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 77Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 78Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 79Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 91 page
background image
75
24 GHz radar sensor ICs
www.infineon.com/24GHz
24 GHz evaluation and demonstration boards
In addition to the BGT24M/L family of MMIC chips, Infineon provides a continuously expanding range of evaluation and
demonstration boards to support the testing and development of radar in multiple applications of our customers. All
boards are provided with base-level software to support the ease of use and faster time-to-market integration.
› Four system boards available
› All include 24 GHz radar chip and
XMC™ microcontroller
› Kit contains user manual, GUI,
MATLAB compiler and Gerber files
› Software available via Infineon
Toolbox
› Capability to detect motion, speed
and direction of movement
(approaching or retreating)
distance and angle of arrival based
on hardware
› Fast prototyping with available
software
Features
Infineon development kit
Benefits
Sense2GoL Pulse
(BGT24LTR11 + XMC4700)
Distance2Go
(BGT24MTR11 + XMC4200)
Distance2GoL
(BGT24LTR11 + XMC4700)
Position2Go
(BGT24MTR12 + XMC4700)
› Capability to detect motion,
speed, and direction of movement
(approaching or retreating)
› Detection range of 18 m for a human
target at a power consumption
< 5 mW
› High sensitivity of detection in
comparison to PIR
› Arduino compatible microcontroller
board (Arduino standard connectors)
› Modulation parameters can be
changed to suit the application
requirements
› Multiple current sensors for current
consumption monitoring and
optimization
› Integrated multiple-element patch
antennas
› Capability to detect the distance of
multiple targets
› Capability to detect motion,
speed, and direction of movement
(approaching or retreating)
› Operates in harsh environments
and detects through non-metallic
materials
› BGT24MTR11 – 24 GHz highly
integrated RF MMIC
› XMC4200 Arm® Cortex®-M4 –32-bit
industrial microcontroller
› Debug over Cortex 10 pin debug
connector
› Integrated multiple-element patch
antennas
› Capability to detect the distance of
the closest human target
› Capability to detect motion,
speed, and direction of movement
(approaching or retreating)
› Very low power consumption due to
duty cycling options
› Operates in harsh environments
and detects through non-metallic
materials
› BGT24LTR11 – 24 GHz highly
integrated RF MMIC
› XMC4700 Arm® Cortex®-M4 –32-bit
industrial microcontroller
› Debug over Cortex 10 pin debug
connector
› Microstrip patch antennas with
10 dBi gain and 29°/80° field of view
› Capability to detect and track the
position of multiple targets
› Capability to detect the distance of
multiple targets
› Capability to detect motion,
speed, and direction of movement
(approaching or retreating)
› Operates in harsh environments
and detects through non-metallic
materials
› BGT24MTR12 – 24 GHz highly
integrated RF MMIC
› XMC4700 Arm® Cortex®-M4 –32-bit
industrial microcontroller
› Debug over Cortex 10 pin debug
connector
› Integrated multiple-element patch
antennas
Main applications
› Security
› Indoor and outdoor lighting
› Smart home
› Automatic door opener
› Intelligent switches
› Speed measurement
Main applications
› Drone: soft landing/obstacle
avoidance
› Smart toilets
› Tank level sensing
› Intelligent switches
Main applications
› Smart home devices
› Indoor and outdoor lighting systems
› Unmanned Aerial Vehicles (UAV)
› Security systems from commercial
surveillance to low-power IP cameras
› HVAC products like smart air
conditioners
› Smart sanitary facilities
(eg Smart Toilets)
Main applications
› Drone/robots: obstacle avoidance
› Security systems incl. surveillance
cameras
› People tracking (IoT, smart home)
› Vital sensing
Board dimensions
› Board 55 mm x 85 mm
› Shield: 55 mm x 66 mm
Board dimensions
› Board 36 mm x 45 mm
Board dimensions
› Board 55 mm x 85 mm
› Shield: 55 mm x 66 mm
Board dimensions
› Board 50 mm x 45 mm
Kit contents
› RF radar shield: SHIELD_BGT24LTR11
› Programmed controller board: RADAR
BB XMC4700
› Micro USB cable
› SW GUI to operate kit
› Doppler FW and SW1)
› Schematic and bill-of-materials of
module
Kit contents
› User’s manual
› Demonstration board
› SW GUI to operate kit
› FMCW FW and SW1)
› Doppler FW and SW1)
› Schematic and bill-of-materials of
module
Kit contents
› RF radar shield: SHIELD_BGT24LTR11
› Programmed controller board:
RADAR BB XMC4700
› Micro USB cable
› SW GUI to operate kit
› Doppler FW and SW1)
Kit contents
› User’s manual
› Demonstration board
› Corner reflector
› SW GUI to operate kit
› FMCW FW and SW
› Doppler FW and SW
› Schematic and bill-of-materials
of module
Demonstrator with SW support
1) Usage of the FMCW and/or Doppler FW and SW requires agreeing to Infineon’s user’s agreement and licensing terms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com