전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE4964-2M 데이터시트(PDF) 74 Page - Infineon Technologies AG

부품명 TLE4964-2M
상세설명  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M 데이터시트(HTML) 74 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 70Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 71Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 72Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 73Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 74Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 75Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 76Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 77Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 78Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 91 page
background image
74
24 GHz radar sensor ICs
24 GHz radar sensor ICs
Infineon BGT24M/L family of MMIC chips
Infineon’s range of 24 GHz industrial radar chips provides five configurations of transmit and receiver channels, ensuring
that there is a chip to support your specific application. From basic applications such as motion detection in security
systems, which only requires one transmit and one receive channel, to more complex applications like 3D positioning,
which requires two or more receive channels, our range of radar chips supports all of your requirements.
Features
Infineon MMIC
Benefits
› 24GHzISMbandoperationformo-
tion, speed, direction movement
and distance measurements
› Five24GHzchipsavailable
› HighlyintegratedMMICs
› Long-range distance detection of
moving objects up to 50 m
› Wide range speed detection up to
±100 km/h
› Low BOM costs
2.4 mm
5.5 mm
The BGT24LTR22 key features
› 24 GHz transceiver MMIC
› Fully integrated low phase noise VCO
› Integrated analog base band stage with
programmable gain and filter settings
› Bi-directional pin for synchronization
› Built in temperature compensation circuit
for VCO stabilization, no PLL needed
› Low power consumption
› Fully ESD protected device
› Single ended RF and IF terminals
› Single supply voltage 1.5 V
Product
Configuration
Features
BGT24MTR11
1Tx + 1Rx
› Measures, not just motion, but also speed, direction, and distance
› Small form factor
› Resistance to moisture, dirt, and temperature
› Increased area coverage
› Discrete design
› Low power MMICs for energy saving
› Privacy protection
› Adaptable to different application requirements
› Highly integrated chips eliminating costly external components
BGT24MR2
2Rx
BGT24MTR12
1Tx + 2Rx
BGT24LTR11
1Tx + 1Rx
BGT24LTR22
2Tx + 2Rx
SPI
Sensor
ADC
BG/PTAT
DAC
Sync 1
Sync 1
PPF
HPF
LPF
LPF
LPF
LPF
Trafo
Trafo
HPF
HPF
HPF
PS
PS
PPF
DAC
f-Div
/tbd
Power
Det.
Power
Det.
Trafo
Trafo
Trafo
Power
splitter
www.infineon.com/24GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com