전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CTJ3LQLPRO 데이터시트(PDF) 6 Page - Clarke International

부품명 CTJ3LQLPRO
상세설명  INTELLIGENT BATTERY CHARGER-STARTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CLARKE [Clarke International]
홈페이지  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ3LQLPRO 데이터시트(HTML) 6 Page - Clarke International

Back Button CTJ3LQLPRO Datasheet HTML 2Page - Clarke International CTJ3LQLPRO Datasheet HTML 3Page - Clarke International CTJ3LQLPRO Datasheet HTML 4Page - Clarke International CTJ3LQLPRO Datasheet HTML 5Page - Clarke International CTJ3LQLPRO Datasheet HTML 6Page - Clarke International CTJ3LQLPRO Datasheet HTML 7Page - Clarke International CTJ3LQLPRO Datasheet HTML 8Page - Clarke International CTJ3LQLPRO Datasheet HTML 9Page - Clarke International CTJ3LQLPRO Datasheet HTML 10Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPECIFICATIONS
Model Number
WIBC250
Dimensions (D x W x H)
300mm x 300mm x 850mm
Weight
17.90kg
IP Rating
IP20
Suitable Battery Type
12V & 24V WET, MF, EFB, STD, GEL & AGM
Min. Charging Battery Size
4 Ah
Max. Charging Battery Size
550 Ah
Operating Temp. Range
0°C to 40°C
Input Voltage @50Hz
230 V AC
Boost Duty Cycle
5 sec On / 240 sec Off
Max.
Input
Power
Max.
Input
Current
Output
(Charging/
Starting)
Charging
Voltage
Charge-12V-50A
1035W
5.5A
51A
12V
12V-Start(6V)
4280W
22A
200A
6V
12V-Start(3V)
5460W
29A
270A
3V
Charge-24V-50A
1764W
9.8A
50A
24V
24V-Start(10V)
8140W
44.4A
230A
10V
24V-Start(8V)
8455W
47A
250A
8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com