전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CTJ3LQLPRO 데이터시트(PDF) 14 Page - Clarke International

부품명 CTJ3LQLPRO
상세설명  INTELLIGENT BATTERY CHARGER-STARTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CLARKE [Clarke International]
홈페이지  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ3LQLPRO 데이터시트(HTML) 14 Page - Clarke International

Back Button CTJ3LQLPRO Datasheet HTML 10Page - Clarke International CTJ3LQLPRO Datasheet HTML 11Page - Clarke International CTJ3LQLPRO Datasheet HTML 12Page - Clarke International CTJ3LQLPRO Datasheet HTML 13Page - Clarke International CTJ3LQLPRO Datasheet HTML 14Page - Clarke International CTJ3LQLPRO Datasheet HTML 15Page - Clarke International CTJ3LQLPRO Datasheet HTML 16Page - Clarke International CTJ3LQLPRO Datasheet HTML 17Page - Clarke International CTJ3LQLPRO Datasheet HTML 18Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
REPAIR FUNCTION
Press the FUNCTION button until the REPAIR LED is lit to enter this mode (digital
display shows REPAIR-ON). It is an advanced battery recovery mode for
repairing old, idle, stratified or sulfated batteries. Not all batteries can be
recovered. For optimal results, take the battery through a full charge cycle,
bringing the battery to full charge, before using this mode. This mode uses a
high charging voltage and may cause some water loss in WET cell batteries.
Some batteries and electronics may be sensitive to high charging voltages. To
minimise the risks, disconnect the battery from the vehicle before using this
mode. To stop repairing, press the FUNCTION button again and the REPAIR LED
will turn off (digital display will show REPAIR-OFF).
ALTERNATOR CHECK
To check the alternator percentage, carry out the following steps:
1. Connect the charger to the battery following the instructions given on
page 10.
2. With the charger connected to the battery and chassis, press the DISPLAY
button until the ALTERNATOR% is lit.
3. Start the vehicle and turn the vehicles headlights on. The percentage will
show on the display screen.
The alternator percentage range is from 0% to 100%. readings below 0% will read
LO and readings above 100% will read HI. If you get a HI or LO reading, have the
electrical system checked by a qualified technician.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com