전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CTJ3LQLPRO 데이터시트(PDF) 20 Page - Clarke International

부품명 CTJ3LQLPRO
상세설명  INTELLIGENT BATTERY CHARGER-STARTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CLARKE [Clarke International]
홈페이지  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ3LQLPRO 데이터시트(HTML) 20 Page - Clarke International

Back Button CTJ3LQLPRO Datasheet HTML 16Page - Clarke International CTJ3LQLPRO Datasheet HTML 17Page - Clarke International CTJ3LQLPRO Datasheet HTML 18Page - Clarke International CTJ3LQLPRO Datasheet HTML 19Page - Clarke International CTJ3LQLPRO Datasheet HTML 20Page - Clarke International CTJ3LQLPRO Datasheet HTML 21Page - Clarke International CTJ3LQLPRO Datasheet HTML 22Page - Clarke International CTJ3LQLPRO Datasheet HTML 23Page - Clarke International CTJ3LQLPRO Datasheet HTML 24Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ERROR MESSAGES
1. E01 Display + ERROR LED lit: Reverse connection
2. E02 Display + ERROR LED lit: Temperature in charger is too high
3. E03 Display + ERROR LED lit: The battery cannot store electric charge (dead
battery)
4. E04 Display + ERROR LED lit: No battery connected/battery voltage is lower
than 1 volt (dead battery)
5. REPAIR-ON displayed + REPAIR LED flashing: Charger automatically enters
repairing mode
6. REPAIR-ON displayed + REPAIR LED solid lit: Manually choose repairing
mode
TROUBLESHOOTING
Problem
Cause
Solution
Battery
does not
charge
Lack of AC input
power.
Make sure that the electrical circuit the
charger is on has power.
Faulty connections to
battery terminals.
Check the battery connections; ensure
that there is a good connection at the
battery terminal/post and/or vehicle
chassis.
Wrong charge
voltage selection.
Check that the correct charge voltage
was selected for the battery being
charged.
Battery voltage too
low.
Ensure enough charging time was
allowed to charge battery.
Charging a very cold
battery.
If the battery being charged is extremely
cold (below freezing), it will not accept a
high rate of charge, so the initial charge
rate will be slow.
The rate of charge will increase as the
battery warms.
NEVER attempt to charge a frozen
battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24