전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6930 데이터시트(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6930
상세설명  High-Efficiency 3 A, 24 V Input Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6930 데이터시트(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6930 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DIO6930
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO6930• V1.5
CONTACT US
Dioo is a professional design and sales corporation for high-quality and performance analog semiconductors. The company focuses on
industry markets, such as cell phones, handheld products, laptops, medical equipment, and so on. Dioo’s product families include
analog signal processing and amplifying, LED drivers, and charger ICs. Go to http://www.dioo.com for a complete list of Dioo product
families.
For additional product information or full datasheet, please contact our sales department or representatives.



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com