전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6930 데이터시트(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6930
상세설명  High-Efficiency 3 A, 24 V Input Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6930 데이터시트(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6930 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DIO6930
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO6930• V1.5
performance, it is recommended to use X5R or a better grade ceramic capacitor greater than 22 µF
capacitance.
Output inductor L
There are several considerations in choosing this inductor.
1) Choose the inductance to provide the desired ripple current. It is suggested to choose the ripple current to
be about 40% of the maximum output current. The inductance is calculated as:
L =
%
40
)
/
1
(
,
,
MAX
OUT
SW
MAX
IN
OUT
OUT
I
f
V
V
V
2
where fsw is the switching frequency and IOUT,MAX is the maximum load current. The DIO6930 regulator IC is
quite tolerant of different ripple current amplitude. Consequently, the final choice of inductance can be
slightly off the calculation value without significantly impacting the performance.
2) The saturation current rating of the inductor must be selected to be greater than the peak inductor current
under full load conditions.
ISAT,MIN > IOUT,MAX +
L
f
V
V
V
SW
MAX
IN
OUT
OUT
2
)
/
1
(
,
3
3) The DCR of the inductor and the core loss at the switching frequency must be low enough to achieve the
desired efficiency requirement. It is desirable to choose an inductor with DCR < 50 mΩ to achieve a good
overall efficiency.
Layout Design:
The layout design of DIO6930 regulator is relatively simple. For the best efficiency and minimum noise
problems, place the following components close to the IC: CIN, L, R1 and R2.
1) Maximize the PCB copper area connected to the GND pin to achieve the best thermal and noise
performance. If the board space allows, a ground plane is highly desirable.
2) CIN must be close to IN and GND Pins. The loop area formed by CIN and GND must be minimized.
3) The PCB copper area associated with SW pin must be minimized to avoid the potential noise problem.
4) The components R1 and R2, and the trace connected to the FB pin must NOT be adjacent to the SW net on
the PCB layout to avoid the noise problem.
5) If the system chip interfacing with the EN pin has a high impedance state at shutdown mode and the IN pin
is connected directly to a power source such as a Li-Ion battery, it is desirable to add a pull-down 1 MΩ
resistor between the EN and GND pins to prevent the noise from falsely turning on the regulator at shutdown
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com