전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6930 데이터시트(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6930
상세설명  High-Efficiency 3 A, 24 V Input Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6930 데이터시트(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6930 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DIO6930
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO6930• V1.5
Application Information
The DIO6930 is a synchronous buck regulator IC that integrates the COT control, and top and bottom switches
on the same die to minimize the switching transition loss and conduction loss. With ultra-low RDS(ON) power
switches and proprietary COT control, this regulator IC can achieve the highest efficiency and the highest
switch frequency simultaneously to minimize the external inductor and capacitor size, and thus achieving the
minimum solution footprint.
Because of the high integration in the DIO6930 IC, the application circuit based on this regulator IC is rather
simple. Only input capacitor CIN, output capacitor COUT, output inductor L, and feedback resistors (R1 and R2)
need to be selected for the targeted applications specifications.
Feedback resistor dividers R1 and R2
Choose R1 and R2 to program the proper output voltage. To minimize the power consumption under light
loads, it is desirable to choose large resistance values for both R1 and R2. A value of between 10 kΩ and
1 MΩ is highly recommended for both resistors. If Vout is 3.3 V, and R1 = 40.2 kΩ is chosen, then R2 can be
calculated to be 12 kΩ.
R2 =
1
765
.
0
765
.
0
R
V
V
V
OUT
0.765 FB
GND
R1
R2
VOUT
Input capacitor CIN
This ripple current through input capacitor is calculated as:
ICIN_RMS = IOUT
)
1
(
D
D
1
This formula has a maximum at VIN = 2VOUT condition, where ICIN_RMS = IOUT/2. This simple worst-case condition
is commonly used for DC/DC design.
To minimize the potential noise problem, place a typical X5R or a better grade ceramic capacitor really close to
the IN and GND pins. Care should be taken to minimize the loop area formed by CIN, and IN/GND pins. In this
case, a 10 μF, low ESR ceramic capacitor is recommended.
Output capacitor COUT
The output capacitor is selected to handle the output ripple noise requirements. Both steady state ripple and
transient requirements must be taken into consideration when selecting this capacitor. For the best



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com