전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO6930 데이터시트(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO6930
상세설명  High-Efficiency 3 A, 24 V Input Synchronous Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6930 데이터시트(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6930 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6930 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DIO6930
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO6930• V1.5
Absolute Maximum Ratings
Stresses beyond those listed under the Absolute Maximum Rating table may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Symbol
Parameter
Rating
Unit
VS
Supply voltage ( V+ – V-)
28
V
EN, SW voltage
VIN + 0.3
V
FB voltage
6
V
BS voltage
SW + 6
V
ӨJA
Junction-to-ambient thermal resistance
87.9
°C/W
ӨJC
Junction-to-case thermal resistance
42.2
TSTG
Storage temperature range
-65 to 150
°C
TJ
Junction temperature range
150
°C
TL
Lead temperature range
260
°C
Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not recommend exceeding them
or designing to absolute maximum ratings.
Symbol
Parameter
Rating
Unit
VS
Supply voltage
4.5 to 24
V
TJ
Junction temperature range
-40 to 125
°C
TA
Ambient temperature range
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com