전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7FA6T2AB3CFM 데이터시트(PDF) 5 Page - Renesas Technology Corp

부품명 R7FA6T2AB3CFM
상세설명  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFM 데이터시트(HTML) 5 Page - Renesas Technology Corp

  R7FA6T2AB3CFM Datasheet HTML 1Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 2Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 3Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 4Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 5Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 6Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 7Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 8Page - Renesas Technology Corp R7FA6T2AB3CFM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 101 page
background image
Table 1.9
Data processing
Feature
Functional description
Cyclic Redundancy Check (CRC)
The Cyclic Redundancy Check (CRC) generates CRC codes to detect errors in the data. The
bit order of CRC calculation results can be switched for LSB-first or MSB-first communication.
Additionally, various CRC-generation polynomials are available. The snoop function allows to
monitor the access to specific addresses. This function is useful in applications that require CRC
code to be generated automatically in certain events, such as monitoring writes to the serial
transmit buffer and reads from the serial receive buffer.
Data Operation Circuit (DOC)
The data operation circuit (DOC) is used to compare, add, and subtract 16 or 32-bit data. An
interrupt can be generated when the following conditions apply.
● When the 16 or 32-bit compared values match the detection condition
● When the result of 16 or 32-bit data addition overflows
● When the result of 16 or 32-bit data subtraction underflows
Table 1.10
Data processing accelerator
Feature
Functional description
Trigonometric function unit (TFU)
Calculation of sine, cosine, arctangent, and hypot_k (
x2+y2/k)
● A sine and cosine can be simultaneously calculated.
● An arctangent and hypot_k can be simultaneously calculated.
IIR Filter Accelerator (IIRFA)
● 16 channels of biquad IIR filter
● Cascaded biquad filter (max.32 stages)
● Operations using single-precision floating-point numbers
RA6T2 Datasheet
1. Overview
R01DS0400EJ0150 Rev.1.50
Jul 2, 2025
Page 5 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More