전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADECAC 데이터시트(PDF) 263 Page - Renesas Technology Corp

부품명 R7KA8M2ADECAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC 데이터시트(HTML) 263 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 259Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 260Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 261Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 262Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 263Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 264Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 265Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 266Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 295 page
background image
Tj_detect_L
Internal reset signal
(Low is vaild.)
TEMPRCR.TSNEN
TEMPRCR.CMPEN
TEMPRCR.TEMPREN
tTSTBL*1
tRSTBL*2
Temperature
Note 1. tTSTBL is the stabilization wait time of TSN.
Note 2. tTSTBL is the stabilization wait time of the comparator in TSN.
Figure 2.146
Timing of temperature monitor reset (Low-temperature detection)
2.13
VBATT Characteristics
Table 2.114
Battery backup function characteristics (1 of 2)
Conditions: VCC = VCC_DCDC = VCC_USB = 1.62 to 3.63 V, VBATT = 1.62 to 3.63 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Voltage level for switching to battery backup
OFS1.PVDAS and PVDLPSEL are 0 in Deep
Software Standby mode 1, 2 (VDETVATT_n
follows VDSEL[2:0] setting for PVD0)
VDETBATT_0
2.760
2.850
2.940
V
Figure 2.147
VDETBATT_1
2.500
2.580
2.660
VDETBATT_2
2.080
2.150
2.220
VDETBATT_3
1.935
2.000
2.065
VDETBATT_4
1.840
1.900
1.960
VDETBATT_5
1.740
1.800
1.860
VDETBATT_6
1.620
1.670
1.730
Voltage level for switching to battery backup
(Other than above)
VDETBATT_0
2.710
2.800
2.890
V
VDETBATT_1
2.450
2.530
2.610
VDETBATT_2
2.030
2.100
2.170
VDETBATT_3
1.885
1.950
2.015
VDETBATT_4
1.790
1.850
1.910
VDETBATT_5
1.690
1.750
1.810
VCC drop detection stabilization wait time*2
tDETWT
—
—
20
µs
—
Lower-limit VBATT voltage for power supply
switching caused by VCC voltage drop
VBATTSW
1.8
—
—
V
Figure 2.147
VCC-off period for starting power supply
switching*1
(OFS1.PVDAS and PVDLPSEL are 0 in Deep
Software Standby mode 1, 2)
tVOFFBATT
25
—
—
µs
VCC-off period for starting power supply
switching*1
(Other than above)
25
—
—
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 263 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com