전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADECAC 데이터시트(PDF) 266 Page - Renesas Technology Corp

부품명 R7KA8M2ADECAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC 데이터시트(HTML) 266 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 262Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 263Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 264Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 265Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 266Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 267Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 268Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 269Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 295 page
background image
Table 2.116
Code MRAM Characteristics (2 of 2)
Parameter
MRICLK = 250
MHz
MRICLK = 200
MHz
MRICLK = 150
MHz
MRICLK = 133
MHz
Min
Typ
*4
Max Min
Typ
*4
Max Min
Typ
*4
Max Min
Typ
*4
Max
Reprogramming cycle*9
NPC 100000
*1
—
—
100000
*1
—
—
100000
*1
—
—
100000
*1
—
—
Tim
es
—
Data hold time*2
tDRP 10*2 *3 —
—
10*2 *3
—
—
10*2 *3
—
—
10*2 *3
—
—
Yea
rs
Tj =
+125°C
Note 1. This is the minimum number of times to guarantee all the characteristics after reprogramming. The guaranteed range is from 1 to
the minimum value.
Note 2. This indicates the minimum value of the characteristic when reprogramming is performed within the specified range.
Note 3. This result is obtained from reliability testing.
Note 4. The reference value at VCC = 3.3 V and room temperature.
Note 5. Perform rewrite 50% of bits at Typ. condition.
Note 6. If MRPCLK < 125MHz, add the time of MRPCLK 1cycle to the Program time.
Note 7. To calculate the updating time at other frequencies, using approximate formula below listed.
If MRPCLK < 125MHz, add 1/FMRPCLK [us] to the formula. (FMRICLK: frequency of MRICLK [MHz], FMRPCLK: frequency of
MRPCLK [MHz])
tPMC (Typ) = 137.8/FMRICLK + 6.452 [μs], tPMC (Max) = 1879/FMRICLK + 78.75 [μs] for normal program mode.
tPMC (Typ) = 137.8/FMRICLK + 4.452 [μs], tPMC (Max) = 1879/FMRICLK + 76.75 [μs] for high speed program mode.
Note 8. Read and program operations for the code MRAM cannot be executed simultaneously. This value is for independent program
operation without arbitration between read and program.
Note 9. The reprogramming cycle is the number of programming per 32-byte code MRAM address space. Programming the same data
to the same address also increases the reprogramming cycle count by one. For a reprogramming cycle of n times (n = 100,000),
programming can be performed n times for every 32-byte code MRAM address space.
2.15.2
Option Setting Memory (configuration area) Characteristics
Table 2.117
Option Setting Memory (configuration area) characteristics
Parameter
MRPCLK = 125
MHz
MRPCLK = 100
MHz
MRPCLK = 75
MHz
MRPCLK = 66
MHz
Min
Typ
*4
Max Min
Typ
*4
Max Min
Typ
*4
Max Min
Typ
*4
Max
Command
time for
configuration
set*5 *6
Normal
program
mode
(MRPSC.
MHSPEN
= 0)
tPCF
G
—
0.35 8.19 —
0.35
6
8.3
—
0.37
2
8.83 —
0.39
9
9.42 ms
—
High
speed
program
mode
(MRPSC.
MHSPEN
= 1)
—
0.06
65
7.85 —
0.07
25
7.96 —
0.08
82
8.5
—
0.09
78
9.06 ms
—
Update cycle*7
NCU
PC
100000
*1
—
—
100000
*1
—
—
100000
*1
—
—
100000
*1
—
—
Tim
es
—
Data hold time*2
tDRP 10*2 *3 —
—
10*2 *3
—
—
10*2 *3
—
—
10*2 *3
—
—
Yea
rs
Tj =
+125°C
Note 1. This is the minimum number of times to guarantee all the characteristics after update. The guaranteed range is from 1 to the
minimum value.
Note 2. This indicates the minimum value of the characteristic when update is performed within the specified range.
Note 3. This result is obtained from reliability testing.
Note 4. The reference value at VCC = 3.3 V and room temperature.
Note 5. To calculate the updating time at other frequencies, using approximate formula below listed. (FMRPCLK: frequency of MRPCLK
[MHz])
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 266 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com