전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8M2ADECAC 데이터시트(PDF) 264 Page - Renesas Technology Corp

부품명 R7KA8M2ADECAC
상세설명  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2ADECAC 데이터시트(HTML) 264 Page - Renesas Technology Corp

Back Button R7KA8M2ADECAC Datasheet HTML 260Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 261Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 262Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 263Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 264Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 265Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 266Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 267Page - Renesas Technology Corp R7KA8M2ADECAC Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 295 page
background image
Table 2.114
Battery backup function characteristics (2 of 2)
Conditions: VCC = VCC_DCDC = VCC_USB = 1.62 to 3.63 V, VBATT = 1.62 to 3.63 V
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Backup domain power-down detection level
VPDR (BATR)
1.43
1.47
1.52
V
Figure 2.148
Time delay in assertion of the reset signal for
the backup domain*3
tp (PDRL)
—
—
2000
µs
Time delay in negation of the reset signal for the
backup domain
tp (PDRH)
—
—
3000
VBATT monitor operation stabilization time
(after VBATTMNSELR.VBTMNSEL is changed
to 1)
tMONWT
—
—
4.2
µs
—
VBATT voltage monitor level
VMONBATT
—
VBATT
/ 6
—
V
—
VBATT current increase (when
VBATTMNSELR.VBTTMNSEL is 1 compared to
the case that VBATTMNSELR.VBTTMNSEL is
0)
IVBATTSELB
—
1.35
2.00
µA
—
VCC current increase (when
VBATTMNSELR.VBTTMNSEL is 1 compared to
the case that VBATTMNSELR.VBTTMNSEL is
0)
IVBATTSELC
—
15
25
µA
—
Note 1. The VCC-off period for starting power supply switching indicates the period in which VCC is below the minimum value of the voltage
level for switching to battery backup (VDETBATT).
In addition, this period indicates the time tVOFFP when VCC is below the minimum value of voltage detection levels VPOR1.
Note 2. Stable time when VBTBPCR2.VDETLVL is changed or VBTBPCR1. BPWSWSTP is changed from 1 to 0.
Note 3. When the VBATT_R recovers within this period, the backup domain reset signal may not be generated.
VCC
tVOFFBATT
VDETBATT
VBATTSW
VBATT
VCC supply
VBATT supply
VCC supply
Backup power area
Figure 2.147
Battery backup function characteristics
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 264 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com