| 전자부품 데이터시트 검색엔진 |
|
R7KA8M2AFECAC 데이터시트(PDF) 125 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7KA8M2AFECAC 데이터시트(HTML) 125 Page - Renesas Technology Corp |
|
125 / 295 page ![]() Table 2.52 Timing of recovery from low power modes (2 of 3) Parameter Fast return function*9 Symbol Min Typ Max Unit Test conditions Recovery time from Software Standby mode*12 Crystal resonator connected to main clock oscillator System clock source is main clock oscillator*1 MOSCSCR.MO SCSOKP = 0 Enabled tSBYMC*10 — 2.09 2.14 ms Figure 2.34 The division ratio of all oscillators is 1. System clock source is main clock oscillator*1 MOSCSCR.MO SCSOKP = 1 Enabled — 44.9 94.6 μs System clock source is PLL1P with main clock oscillator*2 MOSCSCR.MO SCSOKP = 0 Enabled tSBYPC*10 — 2.21 2.27 ms System clock source is PLL1P with main clock oscillator*2 MOSCSCR.MO SCSOKP = 1 Enabled — 135 197 μs External clock input to main clock oscillator System clock source is main clock oscillator*3 Enabled tSBYEX*10 — 44.9 94.6 μs System clock source is PLL1P with main clock oscillator*4 Enabled tSBYPE*10 — 135 197 System clock source is sub-clock oscillator*5 Enabled tSBYSC*10 — 480 481 µs System clock source is HOCO clock oscillator*6 Enabled tSBYHO*10 — 46.3 96.0 µs System clock source is PLL1P with HOCO*7 Enabled tSBYPH*10 — 146 208 µs System clock source is MOCO clock oscillator*8 Enabled tSBYMO*10 — 44.6 87.5 µs RA8M2 Datasheet 2. Electrical Characteristics R01DS0438EJ0130 Rev.1.30 Feb 27, 2026 Page 125 of 295 |