| 전자부품 데이터시트 검색엔진 |
|
R7KA8M2AFECAC 데이터시트(PDF) 197 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R7KA8M2AFECAC 데이터시트(HTML) 197 Page - Renesas Technology Corp |
|
197 / 295 page ![]() A6 A5 C1 A0 D7 D6 D0 ACK SDA C2 C7 C8 C9 RnW ACK C1 C2 C8 C9 SCL SDR Transfer 0.7×VCC 0.3×VCC 0.7×VCC 0.3×VCC = Open-Drain Pull-Up closs = High Speed Active Push-Pull Drive D7 0.7×VCC SDA D6 ACK 0.3×VCC RnW MST_SDA 0.7×VCC 0.3×VCC 0.7×VCC 0.3×VCC SLV_SDA SCL C8 tSCO*1 Timing parameters used tSU_OD Open-Drain tSCO*1 Open-Drain or Push- Pull tSU_PP C9 C1 Push- Pull Push- Pull C2 0.7×VCC 0.3×VCC Transition from Open-Drain to Push-Pull SCL clocks are showm identical for OD and PP even though they differ substantially = Active Drive by Master or Slave = Open-Drain Pull-Up class by Master = High-Z by Slave Note: Open-Drain: Master releases SDA after a suitable delay from SCL edges Push-Pull: Master drives SDA after a suitable delay from SCL edges Note 1. tSCO is depicted for informative purposes only Figure 2.92 I3C Data Transfer – ACK by Slave RA8M2 Datasheet 2. Electrical Characteristics R01DS0438EJ0130 Rev.1.30 Feb 27, 2026 Page 197 of 295 |