전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8D2AFDCAB 데이터시트(PDF) 45 Page - Renesas Technology Corp

부품명 R7KA8D2AFDCAB
상세설명  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAB 데이터시트(HTML) 45 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAB Datasheet HTML 41Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 42Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 43Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 44Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 45Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 46Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 47Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 48Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 292 page
background image
Table 2.2
Recommended operating conditions
Parameter
Symbol
Min
Typ
Max
Unit
Power supply voltages
VCC,
VCC_DCDC
Other than the following
1.62
—
3.63
V
When ESWM is used
2.30
—
3.63
V
When SDRAM is used
3.00
—
3.63
V
VCC2
Standard
Product
Other than the following
1.62
—
3.63
V
When 32bit SDRAM is
used
3.00
—
3.63
V
SiP Product
1.70
—
2.00
V
VCL
When
external
VDD is
used*2
voltage range 1
0.92
—
0.99
V
voltage range 2
0.87
—
0.99
V
When
DCDC is
used
(High-
speed
mode)
VSCR_1
—
0.95
—
V
VSCR_2
—
0.925
—
V
When
DCDC is
used
(Software
Standby
mode)
SVSCR_1
—
0.95
—
V
SVSCR_2
—
0.925
—
V
SVSCR_3
—
0.825
—
V
SVSCR_4
—
0.765
—
V
SVSCR_5
—
0.715
—
V
VSS, VSS_DCDC
—
0
—
V
USB power supply voltages
VCC_USB,
VCC_USBHS,
AVCC_USBHS
When USB is not used
1.62
—
3.63
V
When USB is used
3.00
—
3.60
V
VSS_USB, VSS1_USBHS, VSS2_USBHS
—
0
—
V
MIPI PHY power supply voltages
VCC18_MIPI
1.65
1.80
1.95
V
AVCC_MIPI
2.90
—
3.60
V
VSS_MIPI
—
0
—
V
VBATT power supply voltage
VBATT
1.62
—
3.63
V
Analog power supply voltages
AVCC0*1
Other than the following
1.62
—
3.63
V
When Channel dedicated sample-
and-hold circuit is used
2.70
—
3.63
V
AVSS0
—
0
—
V
Note 1. When the A/D converter, the D/A converter and the High-Speed Analog Comparator are not in use, do not leave the AVCC0,
VREFH/VREFH0, AVSS0, and VREFL/VREFL0 pins open. Connect the AVCC0 and VREFH/VREFH0 pins to VCC, and the AVSS0
and VREFL/VREFL0 pins to VSS, respectively.
Note 2. VCL voltage must never be higher than VCC voltage.
2.2
DC Characteristics
2.2.1
Tj/Ta Definition
Table 2.3
DC characteristics
Parameter
Symbol
Typ
Max
Unit
Test conditions
Permissible operating junction
temperature
Tj
—
125*1
°C
High-speed mode
Note:
Make sure that Tj = Ta + θja × total power consumption (W), where total power consumption = (VCC - VOH) × ΣIOH + VOL × ΣIOL +
(ICCmax + ICC_DCDCmax) × VCC.
RA8D2 Datasheet
2. Electrical Characteristics
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 45 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com