전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8D2AFDCAB 데이터시트(PDF) 17 Page - Renesas Technology Corp

부품명 R7KA8D2AFDCAB
상세설명  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAB 데이터시트(HTML) 17 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAB Datasheet HTML 13Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 14Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 15Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 16Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 17Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 18Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 19Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 20Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 292 page
background image
Table 1.15
Pin functions (5 of 7)
Function
Signal
I/O
Description
USBHS
VCC_USBHS
Input
Power supply pin
VSS1_USBHS,
VSS2_USBHS
Input
Ground pin
AVCC_USBHS
Input
Analog power supply
USBHS_RREF
I/O
Reference current source pin for the USBHS Must be connected to the
VSS2_USBHS pin through a 2.2-kΩ (±1%) resistor.
USBHS_DP
I/O
Input/output pin for the D+ data line of the USB bus
USBHS_DM
I/O
Input/output pin for the D- data line of the USB bus
USBHS_EXICEN
Output Must be connected to the OTG power supply IC
USBHS_ID
input
Must be connected to the OTG power supply IC
USBHS_VBUSEN
Output VBUS power supply enable pin for the USBHS
USBHS_OVRCURA,
USBHS_OVRCURB
Input
Overcurrent pin for the USBHS
USBHS_OVRCURA-
DS,
USBHS_OVRCURB-
DS
Input
Overcurrent pin for the USBHS that can also be used in Deep Software Standby
mode 1.
USBHS_VBUS
Input
USB cable connection monitor input pin
OSPI
OM_n_SCLK
Output Clock output (OCTACLK divided by 2)
OM_n_SCLKN
Output Inverted clock output (OCTACLK divided by 2)
OM_n_CSn
Output Chip select signal for an OctaFlash device, active-low
OM_n_DQS
I/O
Read data strobe/write data mask signal
OM_n_SIOn
I/O
Data input/output
OM_n_RESET
Output Reset signal for both slave devices, active-low
OM_n_ECSINT1
Input
Error Correction Status and Interrupt for slave1
OM_n_RSTO1
Input
Slave reset status for slave1
OM_n_WP1
Output Write Protect for slave1, active-low
SSIE
SSIBCK0, SSIBCK1
I/O
SSIE serial bit clock pins
SSILRCK0/SSIFS0,
SSILRCK1/SSIFS1
I/O
LR clock/frame synchronization pins
SSITXD0
Output Serial data output pin
SSIRXD0
Input
Serial data input pin
SSIDATA1
I/O
Serial data input/output pins
AUDIO_CLK
Input
External clock pin for audio (input oversampling clock)
SDHI/MMC
SDnCLK
Output SD clock output pins
SDnCMD
I/O
Command output pin and response input signal pins
SDnDAT0 to
SDnDAT7
I/O
SD and MMC data bus pins
SDnCD
Input
SD card detection pins
SDnWP
Input
SD write-protect signals
RA8D2 Datasheet
1. Overview
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 17 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com