전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R7KA8D2AFDCAB 데이터시트(PDF) 9 Page - Renesas Technology Corp

부품명 R7KA8D2AFDCAB
상세설명  Renesas Microcontrollers
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8D2AFDCAB 데이터시트(HTML) 9 Page - Renesas Technology Corp

Back Button R7KA8D2AFDCAB Datasheet HTML 5Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 6Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 7Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 8Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 9Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 10Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 11Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 12Page - Renesas Technology Corp R7KA8D2AFDCAB Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 292 page
background image
# B A 0
R 7 K A 8 D 2 A D L C AB
Package type
AB: LFBGA 224 pins
AC: LFBGA 289 pins
AJ: LFBGA 303 pins
Quality Grade
C: Standard Product
S: SiP Product
Operating junction temperature
L: 0°C to 95°C
D: -40°C to 105°C
Code MRAM and Flash size
D: 512 KB (MRAM)
F: 1 MB (MRAM)
R: 5 MB (MRAM 1 MB + Flash 4 MB)
S: 9 MB (MRAM 1 MB + Flash 8 MB)
Feature set
A:
Single Core (CM85 only), MIPI DSI/CSI is not available
B: Single Core (CM85 only), MIPI DSI/CSI is available
J:
Dual Core, MIPI DSI/CSI is not available
K:
Dual Core, MIPI DSI/CSI is available
Group number
Application
RA family
K: MRAM (Standard Product)
J: MRAM and Flash (SiP Product)
Renesas microcontroller
Terminal material (Pb-free)
A: Sn (Tin) only
C: others
Production identification code
0: Chip version A
1: Chip version B
Performance
Packing
A: Tray (Bulk)
B: Tray (Full carton)
U: Tray (Full tray)
H: Tape & Reel
Figure 1.2
Part numbering scheme
RA8D2 Datasheet
1. Overview
R01DS0493EJ0130 Rev.1.30
Feb 27, 2026
Page 9 of 292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com