전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RBO08-40M 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 RBO08-40M
상세설명  REVERSEDBATTERYAND OVERVOLTAGEPROTECTIONCIRCUITRBO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RBO08-40M 데이터시트(HTML) 5 Page - STMicroelectronics

  RBO08-40M Datasheet HTML 1Page - STMicroelectronics RBO08-40M Datasheet HTML 2Page - STMicroelectronics RBO08-40M Datasheet HTML 3Page - STMicroelectronics RBO08-40M Datasheet HTML 4Page - STMicroelectronics RBO08-40M Datasheet HTML 5Page - STMicroelectronics RBO08-40M Datasheet HTML 6Page - STMicroelectronics RBO08-40M Datasheet HTML 7Page - STMicroelectronics RBO08-40M Datasheet HTML 8Page - STMicroelectronics RBO08-40M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
- Input
(1) : Pin 1
- Output (3) : Pin 3
- Gnd
(2) : Connected to base Tab
Marking
: Logo, date code, RBO08-40G
PINOUT configuration in D
2PAK :
D1
T1
T2
TAB
D1
T1
T2
(TAB)
- Input
(1) : Pin 1
- Output (3) : Pin 3
- GND
(2) : Connected to base Tab
Marking
: Logo, date code, RBO08-40T
PINOUT configuration in TO220AB :
- Input
(1) : Pin 3
- Output (3) : Pin 7 and 9
- Gnd
(2) : Connected to base Tab
Marking
: Logo, date code, RBO08-40M
PINOUT configuration in PowerSO-10 :
TOP VIEW
Pin 1 (NC)
Input (1)
Gnd (2)
T1
D1
Tab
T2
Output (3)
Pin 2 (NC)
Pin 3 (Input 1)
Pin 4 (NC)
Pin 5 (NC)
Pin 10 (NC)
Pin 9 (Ouput 3)
Pin 8 (NC)
Pin 7 (Ouput 3)
Pin 6 (NC)
®
RBO08-40G / RBO08-40M / RBO08-40T
5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14