| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QCAA-R 데이터시트(PDF) 134 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QCAA-R 데이터시트(HTML) 134 Page - Nordic Semiconductor |
|
134 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Enabled 1 Read: Enabled G RW TRIGGERED6 Write '1' to Enable interrupt for TRIGGERED[6] event See EVENTS_TRIGGERED[6] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled H RW TRIGGERED7 Write '1' to Enable interrupt for TRIGGERED[7] event See EVENTS_TRIGGERED[7] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled I RW TRIGGERED8 Write '1' to Enable interrupt for TRIGGERED[8] event See EVENTS_TRIGGERED[8] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled J RW TRIGGERED9 Write '1' to Enable interrupt for TRIGGERED[9] event See EVENTS_TRIGGERED[9] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled K RW TRIGGERED10 Write '1' to Enable interrupt for TRIGGERED[10] event See EVENTS_TRIGGERED[10] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled L RW TRIGGERED11 Write '1' to Enable interrupt for TRIGGERED[11] event See EVENTS_TRIGGERED[11] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled M RW TRIGGERED12 Write '1' to Enable interrupt for TRIGGERED[12] event See EVENTS_TRIGGERED[12] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled N RW TRIGGERED13 Write '1' to Enable interrupt for TRIGGERED[13] event See EVENTS_TRIGGERED[13] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled O RW TRIGGERED14 Write '1' to Enable interrupt for TRIGGERED[14] event See EVENTS_TRIGGERED[14] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 4430_161 v1.0 134 |