| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QCAA-R 데이터시트(PDF) 135 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QCAA-R 데이터시트(HTML) 135 Page - Nordic Semiconductor |
|
135 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description P RW TRIGGERED15 Write '1' to Enable interrupt for TRIGGERED[15] event See EVENTS_TRIGGERED[15] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.7.1.3 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW TRIGGERED0 Write '1' to Disable interrupt for TRIGGERED[0] event See EVENTS_TRIGGERED[0] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW TRIGGERED1 Write '1' to Disable interrupt for TRIGGERED[1] event See EVENTS_TRIGGERED[1] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW TRIGGERED2 Write '1' to Disable interrupt for TRIGGERED[2] event See EVENTS_TRIGGERED[2] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW TRIGGERED3 Write '1' to Disable interrupt for TRIGGERED[3] event See EVENTS_TRIGGERED[3] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW TRIGGERED4 Write '1' to Disable interrupt for TRIGGERED[4] event See EVENTS_TRIGGERED[4] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW TRIGGERED5 Write '1' to Disable interrupt for TRIGGERED[5] event See EVENTS_TRIGGERED[5] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled G RW TRIGGERED6 Write '1' to Disable interrupt for TRIGGERED[6] event See EVENTS_TRIGGERED[6] 4430_161 v1.0 135 |