| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QCAA-R 데이터시트(PDF) 148 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QCAA-R 데이터시트(HTML) 148 Page - Nordic Semiconductor |
|
148 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Clear 1 Write: writing a '1' sets the pin low; writing a '0' has no effect Q RW PIN16 Pin 16 Low 0 Read: pin driver is low High 1 Read: pin driver is high Clear 1 Write: writing a '1' sets the pin low; writing a '0' has no effect R RW PIN17 Pin 17 Low 0 Read: pin driver is low High 1 Read: pin driver is high Clear 1 Write: writing a '1' sets the pin low; writing a '0' has no effect S RW PIN18 Pin 18 Low 0 Read: pin driver is low High 1 Read: pin driver is high Clear 1 Write: writing a '1' sets the pin low; writing a '0' has no effect T RW PIN19 Pin 19 Low 0 Read: pin driver is low High 1 Read: pin driver is high Clear 1 Write: writing a '1' sets the pin low; writing a '0' has no effect U RW PIN20 Pin 20 Low 0 Read: pin driver is low High 1 Read: pin driver is high Clear 1 Write: writing a '1' sets the pin low; writing a '0' has no effect V RW PIN21 Pin 21 Low 0 Read: pin driver is low High 1 Read: pin driver is high Clear 1 Write: writing a '1' sets the pin low; writing a '0' has no effect W RW PIN22 Pin 22 Low 0 Read: pin driver is low High 1 Read: pin driver is high Clear 1 Write: writing a '1' sets the pin low; writing a '0' has no effect X RW PIN23 Pin 23 Low 0 Read: pin driver is low High 1 Read: pin driver is high Clear 1 Write: writing a '1' sets the pin low; writing a '0' has no effect Y RW PIN24 Pin 24 Low 0 Read: pin driver is low High 1 Read: pin driver is high Clear 1 Write: writing a '1' sets the pin low; writing a '0' has no effect Z RW PIN25 Pin 25 Low 0 Read: pin driver is low High 1 Read: pin driver is high 4430_161 v1.0 148 |