| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QCAA-R 데이터시트(PDF) 152 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QCAA-R 데이터시트(HTML) 152 Page - Nordic Semiconductor |
|
152 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW PIN0 Pin 0 Input 0 Pin set as input Output 1 Pin set as output B RW PIN1 Pin 1 Input 0 Pin set as input Output 1 Pin set as output C RW PIN2 Pin 2 Input 0 Pin set as input Output 1 Pin set as output D RW PIN3 Pin 3 Input 0 Pin set as input Output 1 Pin set as output E RW PIN4 Pin 4 Input 0 Pin set as input Output 1 Pin set as output F RW PIN5 Pin 5 Input 0 Pin set as input Output 1 Pin set as output G RW PIN6 Pin 6 Input 0 Pin set as input Output 1 Pin set as output H RW PIN7 Pin 7 Input 0 Pin set as input Output 1 Pin set as output I RW PIN8 Pin 8 Input 0 Pin set as input Output 1 Pin set as output J RW PIN9 Pin 9 Input 0 Pin set as input Output 1 Pin set as output K RW PIN10 Pin 10 Input 0 Pin set as input Output 1 Pin set as output L RW PIN11 Pin 11 Input 0 Pin set as input Output 1 Pin set as output M RW PIN12 Pin 12 Input 0 Pin set as input Output 1 Pin set as output N RW PIN13 Pin 13 Input 0 Pin set as input Output 1 Pin set as output O RW PIN14 Pin 14 Input 0 Pin set as input Output 1 Pin set as output P RW PIN15 Pin 15 Input 0 Pin set as input Output 1 Pin set as output Q RW PIN16 Pin 16 Input 0 Pin set as input 4430_161 v1.0 152 |