| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QCAA-R 데이터시트(PDF) 298 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QCAA-R 데이터시트(HTML) 298 Page - Nordic Semiconductor |
|
298 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description K RW CRCERROR Write '1' to Enable interrupt for CRCERROR event See EVENTS_CRCERROR Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.14.14.3 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW READY Write '1' to Disable interrupt for READY event See EVENTS_READY Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW ADDRESS Write '1' to Disable interrupt for ADDRESS event See EVENTS_ADDRESS Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW PAYLOAD Write '1' to Disable interrupt for PAYLOAD event See EVENTS_PAYLOAD Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW END Write '1' to Disable interrupt for END event See EVENTS_END Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW DISABLED Write '1' to Disable interrupt for DISABLED event See EVENTS_DISABLED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW DEVMATCH Write '1' to Disable interrupt for DEVMATCH event See EVENTS_DEVMATCH Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled G RW DEVMISS Write '1' to Disable interrupt for DEVMISS event See EVENTS_DEVMISS 4430_161 v1.0 298 |