| 전자부품 데이터시트 검색엔진 |
|
NRF52810-QCAA-R 데이터시트(PDF) 299 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QCAA-R 데이터시트(HTML) 299 Page - Nordic Semiconductor |
|
299 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled H RW RSSIEND Write '1' to Disable interrupt for RSSIEND event See EVENTS_RSSIEND Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled I RW BCMATCH Write '1' to Disable interrupt for BCMATCH event See EVENTS_BCMATCH Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled J RW CRCOK Write '1' to Disable interrupt for CRCOK event See EVENTS_CRCOK Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled K RW CRCERROR Write '1' to Disable interrupt for CRCERROR event See EVENTS_CRCERROR Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.14.14.4 CRCSTATUS Address offset: 0x400 CRC status Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A R CRCSTATUS CRC status of packet received CRCError 0 Packet received with CRC error CRCOk 1 Packet received with CRC ok 6.14.14.5 RXMATCH Address offset: 0x408 Received address 4430_161 v1.0 299 |