전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NRF52811-QCAA-R 데이터시트(PDF) 147 Page - Nordic Semiconductor

부품명 NRF52811-QCAA-R
상세설명  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NORDIC [Nordic Semiconductor]
홈페이지  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R 데이터시트(HTML) 147 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 143Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 144Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 145Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 146Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 147Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 148Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 149Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 150Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 151Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 444 page
background image
Peripherals
COUNTERTOP
COMP0
COMP1
OUT[0]
OUT[1]
Figure 48: PWM counter in up mode example - FallingEdge polarity
The counter is automatically reset to zero when COUNTERTOP is reached and OUT[n] will invert. OUT[n]
is held low if the compare value is 0 and held high if set to COUNTERTOP, given that the polarity is set to
FallingEdge. Counter running in up mode results in pulse widths that are edge-aligned. The following is the
code for the counter in up mode example:
uint16_t pwm_seq[4] = {PWM_CH0_DUTY, PWM_CH1_DUTY, PWM_CH2_DUTY, PWM_CH3_DUTY};
NRF_PWM0->PSEL.OUT[0] = (first_pin << PWM_PSEL_OUT_PIN_Pos) |
(PWM_PSEL_OUT_CONNECT_Connected <<
PWM_PSEL_OUT_CONNECT_Pos);
NRF_PWM0->PSEL.OUT[1] = (second_pin << PWM_PSEL_OUT_PIN_Pos) |
(PWM_PSEL_OUT_CONNECT_Connected <<
PWM_PSEL_OUT_CONNECT_Pos);
NRF_PWM0->ENABLE
= (PWM_ENABLE_ENABLE_Enabled << PWM_ENABLE_ENABLE_Pos);
NRF_PWM0->MODE
= (PWM_MODE_UPDOWN_Up << PWM_MODE_UPDOWN_Pos);
NRF_PWM0->PRESCALER
= (PWM_PRESCALER_PRESCALER_DIV_1 <<
PWM_PRESCALER_PRESCALER_Pos);
NRF_PWM0->COUNTERTOP = (16000 << PWM_COUNTERTOP_COUNTERTOP_Pos); //1 msec
NRF_PWM0->LOOP
= (PWM_LOOP_CNT_Disabled << PWM_LOOP_CNT_Pos);
NRF_PWM0->DECODER
= (PWM_DECODER_LOAD_Individual << PWM_DECODER_LOAD_Pos) |
(PWM_DECODER_MODE_RefreshCount << PWM_DECODER_MODE_Pos);
NRF_PWM0->SEQ[0].PTR = ((uint32_t)(pwm_seq) << PWM_SEQ_PTR_PTR_Pos);
NRF_PWM0->SEQ[0].CNT = ((sizeof(pwm_seq) / sizeof(uint16_t)) <<
PWM_SEQ_CNT_CNT_Pos);
NRF_PWM0->SEQ[0].REFRESH = 0;
NRF_PWM0->SEQ[0].ENDDELAY = 0;
NRF_PWM0->TASKS_SEQSTART[0] = 1;
When the counter is running in up mode, the following formula can be used to compute the PWM period
and the step size:
PWM period:
TPWM(Up)= TPWM_CLK * COUNTERTOP
4454_140 v1.0
147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More