| 전자부품 데이터시트 검색엔진 |
|
NRF52811-QCAA-R 데이터시트(PDF) 218 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R 데이터시트(HTML) 218 Page - Nordic Semiconductor |
|
218 / 444 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID a Z V U T S R Q P O N M L K I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description T RW TXREADY Write '1' to enable interrupt for event TXREADY Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled U RW RXREADY Write '1' to enable interrupt for event RXREADY Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled V RW MHRMATCH Write '1' to enable interrupt for event MHRMATCH Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled Z RW PHYEND Write '1' to enable interrupt for event PHYEND Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled a RW CTEPRESENT Write '1' to enable interrupt for event CTEPRESENT Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.14.15.39 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID a Z V U T S R Q P O N M L K I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW READY Write '1' to disable interrupt for event READY Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW ADDRESS Write '1' to disable interrupt for event ADDRESS Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW PAYLOAD Write '1' to disable interrupt for event PAYLOAD Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW END Write '1' to disable interrupt for event END Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW DISABLED Write '1' to disable interrupt for event DISABLED Clear 1 Disable Disabled 0 Read: Disabled 4454_140 v1.0 218 |