| 전자부품 데이터시트 검색엔진 |
|
NRF52811-QCAA-R 데이터시트(PDF) 220 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R 데이터시트(HTML) 220 Page - Nordic Semiconductor |
|
220 / 444 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID a Z V U T S R Q P O N M L K I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description Disabled 0 Read: Disabled Enabled 1 Read: Enabled S RW RATEBOOST Write '1' to disable interrupt for event RATEBOOST Ble_LR CI field received, receive mode is changed from Ble_LR125Kbit to Ble_LR500Kbit. Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled T RW TXREADY Write '1' to disable interrupt for event TXREADY Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled U RW RXREADY Write '1' to disable interrupt for event RXREADY Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled V RW MHRMATCH Write '1' to disable interrupt for event MHRMATCH Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled Z RW PHYEND Write '1' to disable interrupt for event PHYEND Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled a RW CTEPRESENT Write '1' to disable interrupt for event CTEPRESENT Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.14.15.40 CRCSTATUS Address offset: 0x400 CRC status Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A R CRCSTATUS CRC status of packet received CRCError 0 Packet received with CRC error CRCOk 1 Packet received with CRC ok 6.14.15.41 RXMATCH Address offset: 0x408 Received address 4454_140 v1.0 220 |