전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NRF52811-QCAA-R 데이터시트(PDF) 219 Page - Nordic Semiconductor

부품명 NRF52811-QCAA-R
상세설명  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NORDIC [Nordic Semiconductor]
홈페이지  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R 데이터시트(HTML) 219 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 215Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 216Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 217Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 218Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 219Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 220Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 221Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 222Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 223Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 444 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
a Z
V U T S R Q P O N M L K
I
H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
Enabled
1
Read: Enabled
F
RW DEVMATCH
Write '1' to disable interrupt for event DEVMATCH
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
G
RW DEVMISS
Write '1' to disable interrupt for event DEVMISS
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
H
RW RSSIEND
Write '1' to disable interrupt for event RSSIEND
A new RSSI sample is ready for readout from the
RADIO.RSSISAMPLE register
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
I
RW BCMATCH
Write '1' to disable interrupt for event BCMATCH
Bit counter value is specified in the RADIO.BCC register
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
K
RW CRCOK
Write '1' to disable interrupt for event CRCOK
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
L
RW CRCERROR
Write '1' to disable interrupt for event CRCERROR
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
M
RW FRAMESTART
Write '1' to disable interrupt for event FRAMESTART
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
N
RW EDEND
Write '1' to disable interrupt for event EDEND
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
O
RW EDSTOPPED
Write '1' to disable interrupt for event EDSTOPPED
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
P
RW CCAIDLE
Write '1' to disable interrupt for event CCAIDLE
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
Q
RW CCABUSY
Write '1' to disable interrupt for event CCABUSY
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
R
RW CCASTOPPED
Write '1' to disable interrupt for event CCASTOPPED
Clear
1
Disable
4454_140 v1.0
219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More