전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1TL1-6.. 데이터시트(PDF) 3 Page - Honeywell Solid State Electronics Center

부품명 1TL1-6..
상세설명  Military-Grade Toggle Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1TL1-6.. 데이터시트(HTML) 3 Page - Honeywell Solid State Electronics Center

  1TL1-6.. Datasheet HTML 1Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 2Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 5Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
sensing.honeywell.com
Features
and Benefits
MIL-QUALIFIED AND GLOBAL APPROVALS
MIL-DTL-3950 qualified switches are available to meet military/aerospace
specifications. TL Series toggles’ environmental sealing enables switches to
withstand many demanding indoor and outdoor applications. Quality construction
includes a bonded seal between the toggle lever and bushing, and between
the cover and case that enables switches to
withstand may demanding
conditions. UL recognized, CSA certified, and CE approved for global use
VARIETY OF CIRCUITRIES AND OPERATING ACTIONS
TL Series’
1, 2, and 4 pole options meet a variety of circuitry requirements; while
2- and 3-position, maintained and momentary toggle action, for a breadth of
circuitry and actuator requirements. They thrive in a wide range of temperatures:
-65 °C to 71 °C [-85 °F to 160 °F]
LOCKING LEVERS
Optional
lever locks (pull-to-unlock) require two separate actions to actuate the
switch in order to prevent unintended actuation
MULTIPLE CONNECTION OPTIONS
MICRO SWITCH™ TL Series toggles offer
three popular termination options:
screw, solder lugs, and IWTS (Integrated Wire Termination Systems)
EASILY CONTROLS LOW-VOLTAGE DC APPLICATIONS
Toggle switches available with a choice of
silver alloy or gold-plated contacts
to handle a variety of electrical load requirements
INNOVATIVE PRODUCT DESIGN
Engineered step-design case provides added space between terminals to
prevent shorting
ROBUST CONSTRUCTION
Built from
military-grade components to achieve MIL-DTL-3950 requirements
Locking levers reduce unintended actuation
Military-qualified listings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com