전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1TL1-6.. 데이터시트(PDF) 7 Page - Honeywell Solid State Electronics Center

부품명 1TL1-6..
상세설명  Military-Grade Toggle Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1TL1-6.. 데이터시트(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button 1TL1-6.. Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 5Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 9Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 10Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
sensing.honeywell.com
MICRO SWITCH™ Military-Grade Toggle Switches
TL (SCREW TERMINAL) 2-POSITION ORDER GUIDE
Circuits Made with Toggle At:
Standard Toggle
Pull-to-Unlock Toggle
No. of
poles
Keyway Position
Opposite Keyway
Elect.
Rating
Code
UL Rating
Code
Catalog
Listing
Military
Number
Add
Suffix to
Standard
Toggle
Listing D
Military
Number**
1
OFF
2-3
1
L191
1TL1-2
MS24523-22 D, F, G
MS24658-22
OFF*
2-3
2
L192
1TL1-4
MS24523-29 F
MS24658-29
1-2*
OFF
2
L192
1TL1-6
MS24523-30 F
MS24658-30
1-2
2-3
1
L191
1TL1-3
MS24523-23 D, F, G
MS24658-23
1-2*
2-3
2
L192
1TL1-8
MS24523-26 F
MS24658-26
2
OFF
2-3, 5-6
3
L191
2TL1-2
MS24524-22 D, F, G
MS24659-22
OFF*
2-3, 5-6
4
L192
2TL1-4
MS24524-29 F
MS24659-29
1-2, 4-5*
OFF
4
L192
2TL1-6
MS24524-30 F
MS24659-30
1-2, 4-5
2-3, 5-6
3
L191
2TL1-3
MS24524-23 D, F, G
MS24659-23
1-2, 4-5*
2-3, 5-6
4
L192
2TL1-8
MS24524-26 F
MS24659-26
4
OFF
2-3, 5-6, 8-9, 11-12
5
L191
4TL1-2
MS24525-22 D, F, G
MS24660-22
OFF*
2-3, 5-6, 8-9, 11-12
6
L192
4TL1-4
MS24525-29 F
MS24660-29
1-2, 4-5, 7-8, 10-
11*
OFF
6
L192
4TL1-6
MS24525-30 F
MS24660-30
1-2, 4-5, 7-8, 10-11 2-3, 5-6, 8-9, 11-12
5
L191
4TL1-3
MS24525-23 D, F, G
MS24660-23
1-2, 4-5*, 7-8,
10-11
2-3, 5-6, 8-9, 11-12
6
L192
4TL1-8
MS24525-26 F
MS24660-26
* These positions are momentary. All others are maintained.
** Also add the appropriate suffix to the military number.
D See page 12 for locking configurations.
PULL-TO-UNLOCK OPTION
When ordering pull-to-unlock toggle listings (see page 12 for configurations), add the suffix letter shown in the chart on page XXX to the standard tog-
gle listing or the MS part number. For example, to order a 1TL1-1 pull-to-unlock toggle switch with the lever locked in the center position,
add the letter E (i.e., 1TL1-1E, MS24658-21E)
SOLDER TURRET TERMINAL VERSION
11TL, 12TL, and 14TL type switches with solder turrent terminals are quali-
fied to MIL-DTL-3950. They have the same circuitry and electrical ratings as
their 1TL, 2TL, and 4TL counterparts, For example, an 11TL1-2 is the same
as a 1TL1-2, except it has solder turret terminals instead of screw terminals.
Circuitry
Type
Standard Lever
Lever Lock
One pole
11TL
MS27734
MS27737
Two pole
12TL
MS27735
MS27738
Four pole
14TL
MS27736
MS27739



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com