전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1TL1-6.. 데이터시트(PDF) 11 Page - Honeywell Solid State Electronics Center

부품명 1TL1-6..
상세설명  Military-Grade Toggle Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1TL1-6.. 데이터시트(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button 1TL1-6.. Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 9Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 10Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 11Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 12Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 13Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 14Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
sensing.honeywell.com
MICRO SWITCH™ Military-Grade Toggle Switches
TL SERIES 2-POLE STANDARD ACTUATOR OPTIONS, TERMINALS, & DIMENSIONS
Note: Three-position switches shown
2TL1: Single pole, standard lever,
screw terminals
12TL1: Single pole, standard lever,
solder terminals
102TL1: Single pole, standard lever,
IWTS terminals
1,93 mm ±0,20 mm wide keyway
[0.076 in ±0.008 wide keyway]
10,9 mm
[0.43 in]
34° ±8° total travel
Ø 6,09 mm [Ø 0.24 in]
17° ±4°
Sealed to prevent
entrance of
liquids or dust
15/32 - 32 UNS 2A
thread to within
1,52 mm [0.060 in]
of shoulder
17,0 mm [0.67 in]
11,9 mm
[0.47 in] 6,1 mm [0.24 in]
34,29 mm
[1.35 in]
3,3 mm min.
[0.130 in min.]
27,94 mm
[1.10 in]
3,3 mm min.
[0.130 in min.]
6,6 mm
[0.26 in]
22,6 mm
[0.89 in]
9,7 mm
[0.38 in]
33,53 mm
[1.32 in]
19,05 mm
[0.75 in]
9,7 mm
[0.38 in]
7,1 mm
[0.28 in]
6X 6-32
UNC-2A x (0.260)
binding head terminal
screw and lockwsher
(sems)
1,93 mm ±0,20 mm wide keyway
[0.076 in ±0.008 wide keyway]
Ø 6,09 mm [Ø 0.24 in]
10,9 mm
[0.43 in]
34° ±8° total travel
6,09 mm [0.24 in]
17° ±4°
Sealed to prevent
entrance of
liquids or dust
15/32 - 32 UNS-2
thread to within
1,52 mm [0.060 in]
of shoulder
17,0 mm [0.67 in]
3,05 mm
[0.12 in]
11,9 mm
[0.47 in]
34,29 mm
[1.35 in]
3,3 mm min.
[0.130 in min.]
27,94 mm
[1.10 in]
3,3 mm min.
[0.130 in min.]
0,76 mm [0.03 in] (6)
4,57 mm dia
[0.18 in dia] (6)
2,29 mm dia [0.09 in dia] (6)
4,83 mm dia [0.19 in dia] (6)
34,0 mm max.
[1.34 in max.]
23,1 mm max.
[0.91 in max]
19,05 mm
[0.75 in]
9,7 mm
[0.38 in]
9,7 mm
[0.38 in]
7,1 mm
[0.28 in]
6,6 mm [0.26 in]
1,93 mm ±0,20 mm wide keyway
[0.076 in ±0.008 wide keyway]
34° ±8° total travel
6,09 mm [0.24 in]
17° ±4°
Sealed to prevent
entrance of
liquids or dust
15/32 - 32 UNS-2
thread to within
1,52 mm [0.060 in]
of shoulder
17,0 mm [0.67 in]
3,05 mm
[0.12 in]
37,34 mm max
[1.47 in max.]
11,9 mm
[0.47 in]
Terminals accept
PIN M39029/1-102
22,6 mm
[0.89 in]
33,53 mm
[1.320 in]
Sealed construction
(blue seal)
9,7 mm
[0.38 in]
9,7 mm
[0.38 in]
9,7 mm
[0.38 in]
Ø 6,09 mm [Ø 0.24 in]
10,9 mm
[0.43 in]
Locking lever dimensions for
double pole TL toggles
26,67 mm
[1.05 in]
Ø 10,67 mm
[Ø 0.42 in]
34° ±8°
total travel
17° ±4°
2,28 mm
[0.090 in]
approx. pullout
to change
position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com