전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1TL1-6.. 데이터시트(PDF) 10 Page - Honeywell Solid State Electronics Center

부품명 1TL1-6..
상세설명  Military-Grade Toggle Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL [Honeywell Solid State Electronics Center]
홈페이지  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1TL1-6.. 데이터시트(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button 1TL1-6.. Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 9Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 10Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 11Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 12Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 13Page - Honeywell Solid State Electronics Center 1TL1-6.. Datasheet HTML 14Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10 sensing.honeywell.com
TL Series
TL SERIES 1-POLE STANDARD ACTUATOR OPTIONS, TERMINALS, & DIMENSIONS
Note: Three-position switches shown
1TL1: Single pole, standard lever,
screw terminals
11TL1: Single pole, standard lever,
solder terminals
101TL1: Single pole, standard lever,
IWTS terminals
10,9 mm
[0.43 in]
1,93 mm ±0,20 mm wide keyway
[0.076 in ±0.008 wide keyway]
31° ±7° total travel
15° 30’ ±3° 30’
Ø 6,09 mm [Ø 0.24 in]
15/32 - 32 UNS 2A thread
to within 1,52 mm
[0.060 in] of shoulder
Sealed to prevent entrance
of liquids or dust
17,0 mm [0.67 in]
11,9 mm
[0.47 in]
6,1 mm [0.24 in]
29,5 mm
[1.16 in]
23,1 mm
[0.91 in]
3X 6-32 UNC-2A X (0.260)
binding head terminal
screw and lockwasher
(sems)
28,4 mm
[1.12 in]
4,8 mm
[0.19 in]
15,7 mm [0.62 in]
19,05 mm
[0.75 in]
9,7 mm
[0.38 in]
10,9 mm
[0.43 in]
1,93 mm ±0,20 mm wide keyway
[0.076 in ±0.008 wide keyway]
31° ±7° total travel
15° 30’ ±3° 30’
Ø 6,09 mm [Ø 0.24 in]
15/32 - 32 UNS 2A
thread to within 1,52 mm
[0.060 in] of shoulder
Sealed to prevent
entrance of
liquids or dust
17,0 mm [0.67 in]
11,9 mm
[0.47 in]
6,1 mm [0.24 in]
29,5 mm
[1.16 in]
23,1 mm
[0.91 in]
4,7 mm ± 0,38 mm [0.185 in ±0.015 in] (3)
28,4 mm
[1.12 in]
4,8 mm
[0.19 in]
15,7 mm [0.62 in]
19,05 mm
[0.75 in]
9,7 mm
[0.38 in]
4,57 mm dia [0.18 in dia] (3)
6,4 mm [0.25 in]
2,29 mm dia [0.09 in dia] (3)
10,9 mm
[0.43 in]
1,93 mm ±0,20 mm wide keyway
[0.076 in ±0.008 wide keyway]
31° ±7° total travel
15° 30’ ±3° 30’
Ø 6,09 mm [Ø 0.24 in]
15/32 - 32 UNS-2
thread to within 1,52 mm
[0.060 in] of shoulder
Sealed to prevent
entrance of
liquids or dust
17,0 mm [0.67 in]
11,9 mm
[0.47 in]
6,1 mm [0.24 in]
36,07 mm
[1.42 in]
28,4 mm
[1.12 in]
15,7 mm [0.62 in]
9,7 mm
[0.38 in]
28,7 mm ±0,76 mm
[1.130 ±0.030 in]
Sealed construction
(blue seal)
9,7 mm
[0.38 in]
Locking lever dimensions for
single pole TL toggles
26,67 mm
[1.05 in]
Ø 10,67 mm
[Ø 0.42 in]
31° ±7°
total travel
15° ±3°
2,28 mm
[0.090 in]
approx. pullout
to change
position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com