| 전자부품 데이터시트 검색엔진 |
|
ST72611F1 데이터시트(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72611F1 데이터시트(HTML) 7 Page - STMicroelectronics |
|
7 / 80 page ![]() ST7261 7/80 PIN DESCRIPTION (Cont’d) 2.1 PCB LAYOUT RECOMMENDATION In the case of DIP20 devices the user should lay- out the PCB so that the DIP20 ST7261 device and the USB connector are centered on the same axis ensuring that the D- and D+ lines are of equal length. Refer to Figure 4 Figure 4. Recommended PCB Layout for USB Interface with DIP20 package 14 13 12 11 15 16 17 18 USBVCC USBDP 1 2 3 4 5 6 7 8 9 10 19 20 USBDM USB Connector Ground Ground 1.5KOhm pull-up resistor |